PART |
Description |
Maker |
FYS-3212BX-30 FYS-3212AX-40 FYS-3212AX-41 |
0.32 Inch (8.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
HDSP-523Y HDSP-52 HDSP-521E HDSP-521G HDSP-521Y HD |
HDSP-523Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
LTS-2301AWC |
0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY
|
Lite-On Technology Corporat...
|
LTS-4301G LTS4301G |
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY From old datasheet system
|
???绉???′唤?????? LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司
|
LTP-3784E |
0.54 inch (13.8 mm) digit height dual digit 14-segment alphanumeric display
|
LITEON[Lite-On Technology Corporation]
|
FYS-3612AX-40 FYS-3612AX-41 |
0.36 Inch (9.10mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3015BX-02 FYS-3015BX-00 FYS-3015AX-00 FYS-3015 |
0.30 Inch (7.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5213AX-00 FYS-5213AX-01 FYS-5213AX-02 FYS-5213 |
0.52 Inch (13.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|